Part Number Hot Search : 
1812A 161005 HT6350 H25N120 AK5703 HT46RB50 15F00Z0 X935Z
Product Description
Full Text Search
 

To Download SOT23 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  issue 4 - may 2007 1 www.zetex.com ? zetex semiconductors plc 2007 package information - SOT23 surface mounted, 3 pin package package outline note: controlling dimensions are in millimeters. ap proximate dimensions are provided in inches soldering footprint dim. millimeters inches dim. millimeters inches min. max. min. max. min. max. min. max. a - 1.12 - 0.044 e1 1.90 nom 0.075 nom a1 0.01 0.10 0.0004 0.004 e 2.10 2.64 0.083 0.104 b 0.30 0.50 0.012 0.020 e1 1.20 1.40 0.047 0.055 c 0.085 0.20 0.003 0.008 l 0.25 0.60 0.0098 0.0236 d 2.80 3.04 0.110 0.120 l1 0.45 0.62 0.018 0.024 e0.95 nom0.037 nom----- e e l e1 d a c e1 l1 a1 b 3 leads mm inches 0.8 0.031 0.9 0.035 0.95 0.037 2.0 0.079 www.datasheet.net/ datasheet pdf - http://www..co.kr/
package information - SOT23 issue 4 - may 2007 2 www.zetex.com ? zetex semiconductors plc 2007 nominal weight nominal weight per device 8mg. tape and reel information embossed carrier tape configuration orientation tape width (mm) reel size (inches) no. of components tape option indicator 8 7 3,000 ta 8 13 10,000 tc dimensions mm (inches) tape size (mm) 8 121624 a0, b0, k0 see note * notes: * a0, b0 and k0 dimensions are determined with respect to eia/jedec rotational and lateral movement requirements (see fig. 1). see note * see note * see note * b1 (max.) 4.55 (0.179) 8.20 (0.323) 12.10 (0.476) 20.10 (0.791) d 1.50 + 0.10 - 0.00 1.50 + 0.10 - 0.00 1.50 + 0.10 - 0.00 1.50 + 0.10 - 0.00 d1 (max.) 1.00 (0.039) 1.50 (0.059) 1.50 (0.059) 1.50 (0.059) e 1.75 0.10 1.75 0.10 1.75 0.10 1.75 0.10 f 3.50 0.10 (0.138 0.004) 5.50 0.05 (0.217 0.002) 7.50 0.10 (0.295 0.004) 11.50 0.10 (0.453 0.004) p 4.00 0.10 (0.157 0.004) 4.00 0.10 (0.157 0.004) 8.00 0.10 (0.315 0.004) 4.00 0.10 (0.157 0.004) 8.00 0.10 (0.315 0.004) 12.00 0.10 (0.472 0.004) 4.00 0.10 (0.157 0.004) to 20.00 0.10 (0.787 0.004) in 4.00 (0.157) increments p0 4.00 0.10 4.00 0.10 4.00 0.10 4.00 0.10 p2 2.00 0.05 2.00 0.05 2.00 0.05 2.00 0.05 t (max.) 0.40 0.40 0.40 0.40 w 8.00 (0.315) 12.00 0.30 (0.472 0.012) 16.30 (0.642) 24.30 (0.957) d k t p0 p2 a0 b0 p center lines of cavity 10 pitches culmulative tolerance on tape 0.2mm (0.008?) user direction of feed embossment top cover tape k0 b1 see note 1 see note 1 see note 1 d1 w f e www.datasheet.net/ datasheet pdf - http://www..co.kr/
package information - SOT23 issue 4 - may 2007 3 www.zetex.com ? zetex semiconductors plc 2007 this publication is issued to provide outline information only whic h (unless agreed by the company in writing) may not be used, applied or reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned. the company reserves the right to alter without notice the specif ication, design, price or conditions of supply of any product or service. figure 1 - rotational and lateral movement reel configuration tape option a max. b min. c d min. n min. ta 179 (7.047) 1.5 (0.06) 13.00 - 13.02 (0.512 - 0.52) 25.0 (0.984) 50 (1.969) tc 330 (12.992) 20.2 (0.795) tape size g t m ax. 8mm 8.4 -9.9 (0.33 - 0.39) 14.4 (0.567) 12mm 12.4 -16.4 (0.49 - 0.569) 18.4 (0.724) 16mm 16.4 -18.4 (0.65 - 0.729 ) 22.4 (0.882) 24mm 24.4 - 26.4 (0.96 ? 1.039) 30.4 (1.197) 20 maximum 0.5mm maximum 0.5mm maximum sketch a (top view) component lateral movement component cavity center line 20 maximum component center line b0 a0 sketch c (top view) component rotation - top view sketch b (side or front sectional view) component rotation - side view full radius tape slot in core for tape start. 2.5mm min. width, 10mm min. depth g t n c d a b www.datasheet.net/ datasheet pdf - http://www..co.kr/


▲Up To Search▲   

 
Price & Availability of SOT23

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X